Part Number Hot Search : 
NJM25 74LS3 MAX9770 RF1238 AC16DSMA TA1416A TA1416A TA1416A
Product Description
Full Text Search
 

To Download UC1602IGAD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UC1602
65x102 Matrix LCD Controller-Drivers
UC1602(i)
Single-Chip, Ultra-Low Power 65COM x 102SEG Passive Matrix LCD Controller-Driver INTRODUCTION
UC1602(i) is an advanced high-voltage mixedsignal CMOS IC, especially designed for the display needs of ultra-low power hand-held devices. This chip employs UltraChip's unique DCC (Direct Capacitor Coupling) driver architecture to achieve near crosstalk free images. In addition to low power COM and SEG drivers, UC1602(i) contain all necessary circuits for highV LCD power supply, bias voltage generation, timing generation and graphics data memory. Advanced circuit design techniques are employed to minimize external component counts and reduce connector size while achieving extremely low power consumption. MAIN APPLICATIONS * Cellular Phones, Smart Phones, and other battery operated devices and/or portable Instruments
*
Support industry standard 8-bit parallel interface (8080 or 6800), 4-wire SPI (S8), 2 and 2-wire I C serial interface. Two multiplexing rates (49, 65). Self-configuring 6x charge pump with onchip pumping capacitor requires only 3 external capacitors to operate. Flexible data addressing/mapping schemes to support wide ranges of software models and LCD layout placements. Software programmable 4 temperature compensation coefficients. On-chip bypass capacitor for VLCD makes VLCD bypass capacitor optional for small LCD panels. On-chip Power-ON Reset and Software RESET commands, make RST pin optional. VDD (digital) range: 2.4V ~ 3.3V VDD (analog) range: 2.4V ~ 3.3V LCD VOP range: 4.5V ~ 10.5V Available in gold bump dies Bump pitch: 55uM min. Bump gap: 20uM min.
* *
*
* *
* *
FEATURE HIGHLIGHTS * Single chip controller-driver supports 65 COM x 102 SEG LCD.
*
Version 1.1
1
ULTRACHIP
High-Voltage Mixed-Signal IC
(c)1999-2002
ORDERING INFORMATION
Product ID UC1602IGAD UC1602xGAD Description 65 COM x 102 SEG LCD driver, with I2C interface license. 65 COM x 102 SEG LCD driver, no I2C interface license.
General Notes
APPLICATION INFORMATION For improved readability, the specification contains many application data points. When application information is given, it is advisory and does not form part of the specification for the device. USE OF I C The implementation of I C is already included and tested in all silicon. However, unless I C licensing obligation is 2 2 executed satisfactorily, it is not legal to use UltraChip product for I C applications. Unless I C version is ordered from UltraChip, the customer will take the responsibility for all such licensing liabilities. BARE DIE DISCLAIMER All die are tested and are guaranteed to comply with all data sheet limits up to the point of wafer sawing for a period of ninety (90) days from the date of UltraChip's delivery. There is no post waffle saw/pack testing performed on individual die. Although the latest modern processes are utilized for wafer sawing and die pick-&-place into waffle pack carriers, UltraChip has no control of third party procedures in the handling, packing or assembly of the die. Accordingly, it is the responsibility of the customer to test and quality their application in which the die is to be used. UltraChip assumes no liability for device functionality or performance of the die or systems after handling, packing or assembly of the die. LIFE SUPPORT APPLICATIONS These devices are not designed for use in life support appliances, or systems where malfunction of these products can reasonably be expected to result in personal injuries. Customer using or selling these products for use in such applications do so at their own risk.
2 2
2
2
UC1602
65x102 Matrix LCD Controller-Drivers
TABLE OF REVISION HISTORY
Version 1.0 CONTENTS First release Overall revision (1) Recommended CL value is adjusted to 5nF ~ 20nF (Page 5) (2) VDD1 is renamed to VDD (Page 5) (3) TP3 is renamed to TST4 (Page 7) (4) TP[2:0] is renamed to TP[3:1] (Page 7) 1.1 (5) C[0:101] is renamed to SEG[1:102] (Page 7) (6) R[1~64] is renamed to COM[1~64] (Page 7) (7) RIC is renamed to CIC (Page 7) (8) Application circuits are added. (Page 17, 22, 23) (9) Alignment Mark Information is presented (Page 39) (10) Tray Information is presented. (Page 43) Aug. 26, 2002 DATE OF REVISION Jun. 07, 2001
Version 1.1
3
ULTRACHIP
High-Voltage Mixed-Signal IC
(c)1999-2002
BLOCK DIAGRAM
COLUMN ADDRESS GENERATOR PAGE ADDRESS GENERATOR ROW ADDRESS GENERATOR
DATA RAM I/O BUFFER
POWER-ON & RESET CONTROL
LEVEL SHIFTER
CLOCK & TIMING GEN.
DISPLAY DATA RAM
CONTROL & STATUS REGISTER
DISPLAY DATA LATCHES COMMAND HOST INTERFACE LEVEL SHIFTERS SEG DRIVERS VLCD & BIAS GENERATOR CL
CB0
CB1
4
COM DRIVERS


▲Up To Search▲   

 
Price & Availability of UC1602IGAD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X